Part Number Hot Search : 
60N15 CGD944C KBPC3 MB91319R 1236A 78M15 23A10 50N04
Product Description
Full Text Search
 

To Download SRS20150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) - 70 - version: c07 srs2020 - SRS20150 20.0 amps. surface mount schottky barrier rectifiers d 2 pak features  for surface mounted application  ideal for automated pick & place  low power loss, high efficiency  high current capability, low vf  high reliability  epitaxial construction  guard-ring for transient protection mechanical data  cases: d 2 pak molded plastic  epoxy: ul 94v-0 rate flame retardant  terminals: pure tin plated, lead free. solderable per mil-std-202, method 208 guaranteed  polarity: as marked  high temperature soldering guaranteed: 260 o c/10 seconds at terminals  weight: 1.70 grams maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol srs 2020 srs 2030 srs 2040 srs 2050 srs 2060 srs 2090 srs 20100 srs 20150 units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 90 100 150 v maximum rms voltage v rms 14 21 28 35 42 63 70 105 v maximum dc blocking voltage v dc 20 30 40 50 60 90 100 150 v maximum average forward rectified current see fig. 1 i (av) 20 a peak forward sur g e current, 8.3 ms sin g le half sine-wave superimposed on rated load (jedec method ) i fsm 200 a maximum instantaneous forward voltage @ 10a v f 0.55 0.70 0.92 1.02 v 0.5 0.1 maximum d.c. reverse current @ tc=25 o c at rated dc blocking voltage @ tc=100 o c i r 15 10 5.0 ma ma typical junction capacitance (note 2) cj 600 400 350 pf typical thermal resistance (note 1) r jc 1.5 o c/w operating junction temperature range t j -65 to +125 -65 to +150 o c storage temperature range t stg -65 to+150 o c notes: 1. thermal resistance from junction to case per leg 2. measured at 1mhz and applied reverse voltage of 4.0v d.c.
ratings and characteristic curves (srs2020 thru SRS20150) fig.1- forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t . ( a ) 0 50 100 150 0 4.0 8.0 12.0 16.0 20.0 o case temperature. ( c) s r s 2 0 5 0 - 1 5 0 s r s 2 0 2 0 - 4 0 fig.2- maximum non-repetitive peak forward surge current per leg p e a k f o r w a r d s u r g e c u r r e n t . ( a ) 1 2 5 10 20 100 50 0 50 200 150 100 250 300 number of cycles at 60hz 8.3ms single half sine wave per leg. (jedec method) tj=tj max. version: c07 fig.4- typical reverse characteristics per leg i n s t a n t a n e o u s r e v e r s e c u r r e n t . ( m a ) 0 20 40 60 80 100 120 140 .001 .01 .10 1.0 10 percent of rated peak reverse volt age. (%) 0 tj=100 c 0 tj=25 c fig.6- typical transient thermal impedance per leg o t r a n s i e n t t h e r m a l i m p e d a n c e . ( c / w ) 1 0.01 0.1 10 100 0.1 10.0 1 100 t, pulse duration. (sec) fig.3- typical forward characteristics per leg i n s t a n t a n e o u s f o r w a r d c u r r e n t . ( a ) .2 .3 .4 .5 .6 .7 .8 .9 0.1 1.0 10 100 instantaneous forw ard voltage. (v) s r s 2 0 5 0 -2 0 6 0 s r s 20 20 -2 04 0 fig.6- typical junction capacit ance per leg j u n c t i o n c a p a c i t a n c e . ( p f ) 0.1 1 0.4 4 10 40 80 100 100 200 400 600 800 2000 1000 4000 reverse voltage. (v) 0 tj=25 c f=1.0mhzvsig=50mvp-p srs2020-2040 s r s 20 90 -2 01 00 1.0 srs2090-20150 srs2050-2060 0 tj=25 c pulse width-300 s1% duty cycle s r s 20 15 0


▲Up To Search▲   

 
Price & Availability of SRS20150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X